Part Number Hot Search : 
133BGC FN4090 7E183 02201 BA6301 1N1397 24S12 A1103
Product Description
Full Text Search
 

To Download MC34063A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ( DataSheet : www..com )
www.fairchildsemi.com
MC34063A/MC33063A
SMPS Controller
Features
* * * * * * * Operation from 3.0 to 40V input Short circuit current limiting Low standby current Output switch current of 1.5A without external transistors Output voltage adjustable Frequency of operation from 100Hz to 100KHz Step up, Step down or inverting switching regulators
Description
The MC34063A/MC33063A is a monolithic regulator sub system intended for use as DC to DC converter. This device contains a temperature compensated bandgap reference, a duty cycle control oscillator, driver and high current output switch. It can be used for step down, step up or inverting switching regulators as well as for series pass regulators.
8-DIP
1
8-SOP
1
Internal Block Diagram
Rev. 1.0.2
(c)2001 Fairchild Semiconductor Corporation
www..com
MC34063A/MC33063A
Absolute Maximum Ratings
Parameter Supply Voltage Comparator Input Voltage Range Switch Collector Voltage Switch Emitter Voltage Switch Collector To Emitter Voltage Driver Collector Voltage Switch Current Storage Temperature Range Symbol VCC VI(COMP) VC(SW) VE(SW) VCE(SW) VC(DR) ISW TSTG Value 40 - 0.3 ~ + 40 40 40 40 40 1.5 - 65 ~ + 150 Unit V V V V V V A C
Electrical Characteristics
(VCC = 5.0V, TA = 0C to +70C for the MC34063, TA= -40C to the +85C for the MC33063, unless otherwise specified) Parameter OSCILLATOR Charging Current Discharging Current Oscillator Amplitude Discharge To Charge Current Ratio Current Limit Sense Voltage OUTPUT SWITCH Saturation Voltage 1 (Note) Saturation Voltage 2 (Note) DC Current Gain (Note) Collector off State Current (Note) COMPARATOR Threshold Voltage Threshold Voltage Line Regulation Input Bias Current TOTAL DEVICE Supply Current MC34063 MC33063 VCC = 5 to 40V CT = 0.001uF V7 = VCC, V5>VTH pin2 = GND 4.0 mA 5.0 VTH VTH IBIAS VI = 0V VCC = 3 to 40V 1.21 1.24 2.0 50 1.29 5.0 400 V mV nA VCE(SAT)1 VCE(SAT)2 GI(DC) IC(OFF) ISW = 1.0A VC(driver) = VC(SW) ISW = 1.0A, VC(driver) = 50mA ISW = 1.0A, VCE = 5.0V, TA = 25C VCE = 40V, TA = 25C 50 0.95 0.45 180 0.01 1.3 0.7 100 V V A ICHG IDISCHG V(OSC) K VSENSE(C.L) VCC = 5 to 40V TA = 25C VCC = 5 to 40V TA = 25C TA = 25C V7 = VCC , TA = 25C ICHG = IDISCHG TA = 25C 22 140 5.2 250 31 190 0.5 6.1 300 42 260 7.5 350 A A V mV Symbol Conditions Min. Typ. Max. Unit
ICC
Note : Output switch tests are performed under pulsed conditions to minimize power dissipation
2
MC34063A/MC33063A
Typical Performance Characteristics
Temperature (C) Figure 1. Temperature Drift (VTH)
Temperature (C)
Figure 2. Temperature Drift (IOC)
3
MC34063A/MC33063A
Mechanical Dimensions
Package
8-DIP
1.524 0.10 0.018 0.004 0.060 0.004 0.46 0.10
6.40 0.20 0.252 0.008
#1
#8
#4
#5
9.20 0.20 0.362 0.008
9.60 MAX 0.378
(
0.79 ) 0.031
5.08 MAX 0.200 7.62 0.300 3.40 0.20 0.134 0.008
3.30 0.30 0.130 0.012 0.33 MIN 0.013
0.25 -0.05
+0.10
0~15
0.010 -0.002
+0.004
4
2.54 0.100
MC34063A/MC33063A
Mechanical Dimensions (Continued)
Package
8-SOP
MIN 1.55 0.20 0.061 0.008 0.1~0.25 0.004~0.001
#1
#8 4.92 0.20 0.194 0.008 5.13 MAX 0.202
( #4 #5 6.00 0.30 0.236 0.012
+0.10 0.15 -0.05 +0.004 0.006 -0.002
0.56 ) 0.022 1.80 MAX 0.071 MAX0.10 MAX0.004 3.95 0.20 0.156 0.008 5.72 0.225 0.50 0.20 0.020 0.008
0~
8
1.27 0.050
0.41 0.10 0.016 0.004
5
MC34063A/MC33063A
Ordering Informatio
Product Number MC34063AP MC34063AD MC33063AP MC33063AD Package 8-DIP 8-SOP 8-DIP 8-SOP Operating Temperature 0 ~ + 70C -40 ~ + 85C
6
MC34063A/MC33063A
7
MC34063A/MC33063A
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 6/21/01 0.0m 001 Stock#DSxxxxxxxx 2001 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of MC34063A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X